|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SEMICONDUCTOR TECHNICAL DATA SWITCHING TYPE POWER SUPPLY APPLICATION. CONVERTER & CHOPPER APPLICATION. A MBRF10100 SCHOTTKY BARRIER TYPE DIODE C Average Output Rectified Current : IO=5A. Repetitive Peak Reverse Voltage : VRRM=100V. Fast Reverse Recovery Time : trr=35ns. E G B P FEATURES S DIM A B C D E F G H J K L N P Q R S H K L L R D D MILLIMETERS _ 10.0 + 0.3 _ 15.0 + 0.3 _ 2.70 + 0.3 0.76+0.09/-0.05 _ 3.2 + 0.2 _ 3.0 + 0.3 _ 12.0 + 0.3 0.5+0.1/-0.05 _ 13.6 + 0.5 _ 3.7 + 0.2 1.2+0.25/-0.1 _ 5.08 + 0.1 _ 6.8 + 0.1 _ 4.5 + 0.2 _ 2.6 + 0.2 0.5 Typ F N J MAXIMUM RATING (Ta=25 CHARACTERISTIC Repetitive Peak Reverse Voltage Average Output Rectified Current Peak One Cycle Surge Forward Current (Non-Repetitive 60Hz) Junction Temperature Storage Temperature Range ) SYMBOL VRRM IO IFSM Tj Tstg RATING 100 10 150 -40 150 -55 150 UNIT V 1 2 3 A A Q 1. CATHODE 2. NC 3. ANODE TO-220IS ELECTRICAL CHARACTERISTICS (Ta=25 ) CHARACTERISTIC Peak Forward Voltage Repetitive Peak Reverse Current Reverse Recovery Time Thermal Resistance SYMBOL VFM IRRM trr Rth(j-c) IFM=10A VRRM=Rated IF=1.0A, di/dt=-30A/ s Juction to Case TEST CONDITION MIN. TYP. MAX. 0.85 150 35 4.5 ns /W UNIT V 2007. 10. 30 Revision No : 1 1/2 MBRF10100 IF - VF REVERSE CURRENT IR (A) 50 100 IR - VR FORWARD CURRENT IF (A) 30 10 Tj=25 C 10 5.0 3.0 Tj=25 C 1.0 0.1 1.0 0.5 0.2 0.4 0.6 0.8 1.0 1.2 0.01 0 20 40 60 80 100 FORWARD VOLTAGE VF (V) REVERSE VOLTAGE VR (V) AVERAGE FORWARD CURRENT IF(AV) (A) 15 RATED VOLTAGE APPLIED R JC = 4.5 C/W AVERAGE FORWARD CURRENT IF(AV) (A) IF - TC IF - TA 16 RATED VOLTAGE APPLIED R JA=16 C/W R JA=60 C/W (NO HEAT SINK) 12 10 8 DC DC DC 5 4 0 100 0 0 20 40 60 80 100 120 140 160 110 120 130 140 150 160 CASE TEMPERATURE Tc ( C) AMBIENT TEMPERATURE TA ( C) AVERAGE FORWARD POWER DISSIPATION PF(AV) (W) PF(AV) - IF(AV) 12 10 8 DC 6 4 2 0 0 2 4 6 8 10 12 AVERAGE FORWARD CURRENT IF(AV) (A) 2007. 10. 30 Revision No : 1 2/2 |
Price & Availability of MBRF10100 |